Part Number Hot Search : 
X3102V28 00BG1 1N5819HW 03002 167BZC NTE2398 MAX1419 C2519A
Product Description
Full Text Search
 

To Download 2SK2189 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
VX-2 Series Power MOSFET
N-Channel Enhancement type
2SK2189
(F10W50VX2)
500V 10A
FEATURES
Input capacitance (Ciss) is small.
OUTLINE DIMENSIONS
Case :: MTO-3P Case E-pack (Unit : mm)
Especially, input capacitance at 0 biass is small. The static Rds(on) is small. The switching time is fast. APPLICATION
Switching power supply of AC 100V input High voltage power supply Inverter
RATINGS
Absolute Maximum Ratings Tc = 25 Item Symbol Conditions Tstg Storage Temperature Tch Channel Temperature VDSS Drain-Source Voltage Gate-Source Voltage VGSS ID Continuous Drain CurrentDC IDP Continuous Drain CurrentPeak) IS Continuous Source CurrentDC Total Power Dissipation PT IAS Single Pulse Avalanche Current Tch = 25 TOR Recommended torque : 0.5Nm Mounting Torque Ratings -55150 150 500 30 10 30 10 70 10 0.8 Unit V
A W A Nm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
VX-2 Series Power MOSFET
Electrical Characteristics Tc = 25 Item Symbol V(BR)DSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current IGSS Gate-Source Leakage Current Forward Tranconductance gfs Static Drain-Source On-tate Resistance RDS(ON) Gate Threshold Voltage VTH VSD Source-Drain Diode Forwade Voltage jc Themal Resistance Qg Total Gate Charge Ciss Input Capacitance Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton toff Turn-Off Time Conditions
2SK2189 ( F10W50VX2 )
Min. 500 Typ. Max. 250 0.1 2.4 2.5 6.3 0.8 3.0 Unit V A
ID = 1mA, VGS = 0V VDS = 500V, VGS = 0V VGS = 30V, VDS = 0V ID = 5A, VDS = 10V ID = 5A, VGS = 10V ID = 1mA, VDS = 10V IS = 5A, VGS = 0V junction to case VDD = 400V, VGS = 10V, ID = 10A VDS = 10V, VGS = 0V, f = 1MHZ ID = 5A, VGS = 10V, RL = 30
30 890 70 200 70 140
S 1.0 3.5 V 1.5 1.78 / nC pF 110 220 ns
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2189
20 Tc = -55C
Transfer Characteristics
25C
15
Drain Current ID [A]
100C 150C 10
5 VDS = 25V pulse test TYP 0 5 10 15 20
0
Gate-Source Voltage VGS [V]
2SK2189
10
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) []
ID = 5A 1
0.1
VGS = 10V pulse test TYP -50 0 50 100 150
Case Temperature Tc [C]
2SK2189
6
Gate Threshold Voltage
5
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 1mA TYP -50 0 50 100 150
0
Case Temperature Tc [C]
2SK2189
100
Safe Operating Area
10 100s 200s 1 R DS(ON) limit
Drain Current ID [A]
1ms
10ms DC 0.1
Tc = 25C Single Pulse 0.01 1 10 100 1000
Drain-Source Voltage VDS [V]
2SK2189
Transient Thermal Impedance
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-4 10-3
10-2
10-1
100
101
Time t [s]
2SK2189
10000
Capacitance
Capacitance Ciss Coss Crss [pF]
1000
Ciss
Coss 100
Crss
f=1MHz Tc=25C TYP 10 0 20 40 60 80 100
Drain-Source Voltage VDS [V]
2SK2189
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Case Temperature Tc [C]
2SK2189
500
Gate Charge Characteristics
20
VDS
Drain-Source Voltage VDS [V]
VGS VDD = 400V 300 200V 100V
15
10 200
5 100 ID = 10A TYP 0 0 10 20 30 40 0 50
Gate Charge Qg [nC]
Gate-Source Voltage VGS [V]
400


▲Up To Search▲   

 
Price & Availability of 2SK2189

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X